PART |
Description |
Maker |
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
DS100BR111SQ/NOPB DS100BR111SQE/NOPB DS100BR111-14 |
<font color=red>[Old version datasheet]</font> Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
|
TI store
|
VSC8239 |
9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
|
Vitesse Semiconductor Corporation
|
BCM8124 |
10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER 10 Gbps:16 Demux的CDR和限幅放大器
|
Broadcom, Corp.
|
VSC9292 VSC9295 |
340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O
|
Vitesse Semiconductor Corporation
|
SPB-2026Z |
1.7-2.2GHz 2W InGaP Amplifier
|
SIRENZA MICRODEVICES
|
TPD02-0.5G02S |
0.5-2GHz 2-Way Power Divider
|
Transcom, Inc.
|
TPD03-0.5G02S |
0.5-2GHz 3-Way Power Divider
|
Transcom, Inc.
|
TPD04-0.5G02S |
0.5-2GHz 4-Way Power Divider
|
Transcom, Inc.
|
FMM5056VF |
5.8-7.2GHZ POWER AMPLIFIER MMIC
|
Eudyna Devices Inc
|
SY89230U10 |
3.2GHz Precision, LVPECL ÷3, ÷5 Clock Divider
|
Micrel Semiconductor
|
SPA-1426Z SPA-1426Z-EVB1 SPA-1426Z-EVB2 SPA-1426Z- |
0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
|
RF Micro Devices http://
|